Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604A-S16-R Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # UM604A-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UM604A-S16-R Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  UM604A-S16-R Datasheet HTML 1Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 2Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 3Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 4Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 5Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 6Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UM604/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R105-032.B
OPERATIONAL AMPLIFIERS
Unit Frequency=F(I)
Vcc=±15V,RL=2K,CL=100PF
1000
0
200
600
800
400
-0.01
SOURCE<= I(A)
=>Sink
-0.005
0
0.005
0.015
0.01
-0.015
GBP=F(I)
Vcc=±15V,RL=2K,CL=100PF
0
200
600
800
400
-0.01
SOURCE<= I(A)
=>Sink
-0.005
0
0.005
0.015
0.01
-0.015
phase and Gain Margin=F(I)
Vcc=±15V,RL=2K,CL=100PF
SOURCE<= I(A) =>Sink
0
10
20
30
40
50
60
0
-2
-4
-6
-8
-10
-12
-14
-0.01
0.015
-0.005
0
0.005
0.01
-0.015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com