Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K-TN3-R Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # LM317K-TN3-R
Description  HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM317K-TN3-R Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  LM317K-TN3-R Datasheet HTML 1Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 2Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 3Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 4Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM317
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-009.L
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input - Output Voltage Difference
VIN-VOUT
40
V
Power Dissipation
PD
Internal limited
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-40 ~ +85
C
Storage Temperature
TSTG
-40 ~ +150
C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
TO-252
θJA
112
C/W
TO-220/TO-220F
TO-263/TO-263-3
65
SOT-223
165
TO-3
35
Junction-to-Case
TO-252
θJC
12
C/W
TO-220/TO-263
TO-263-3
5
TO-220F
7.8
SOT-223
23
TO-3
3
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=10mA, TA=25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Line Regulation
VOUT/VOUT 3V≦VIN-VOUT≦40V
0.01 0.04
%/V
Load Regulation
VOUT
10mA≦IOUT≦1A
VOUT≦5V
5
25
mV
VOUT≧5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current Change
IADJ
3V≦VIN-VOUT≦40V,
10mA≦IOUT≦1A, PD≦20W
0.2
5
μA
Reference Voltage
VREF
3V≦VIN-VOUT≦40V,
10mA≦IOUT≦1A, PD≦20W
1.20
1.25 1.30
V
Temperature Stability
TMIN≦TJ≦TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
Maximum Output Current
IO(MAX)
VIN-VOUT=40V, PD≦20W
0.2
0.3
A
RMS Noise vs. %of VOUT
eN
10HZ≦f≦10KHZ
0.003
%/VOUT
Ripple Rejection
RR
VOUT=10V,f=120HZ
CADJ=0
65
dB
CADJ=10μF66
80
Note: CADJ is connected between Adjust pin and Ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com