Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K-TN3-R Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # LM317K-TN3-R
Description  HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM317K-TN3-R Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  LM317K-TN3-R Datasheet HTML 1Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 2Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 3Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 4Page - E-Tech Electronics LTD LM317K-TN3-R Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM317
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R101-009.L
APPLICATION CIRCUITS
UTC LM317
1
2
3
1
2
3
VOUT
VIN
VADJ
R2
240
50k
D1
1N4001
10 F
IOUT
IADJ
R1
R2
VoUT
VIN
R1
1.25V
R1
IO(MIN)=(
VREF
R1+R2
)+IADJ=
1.25V
R1+R2
5mA<IOUT<100mA
Fig.3 Soft Start Application
Fig.4 Constant Current Application
UTC LM317
)+IADJ=
VREF
IO(MAX)=(



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com