Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S101S06F Datasheet(PDF) 7 Page - Sharp Corporation

Part # S101S06F
Description  Non-zero cross type is also available. (S101S05V Series)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button S101S06F Datasheet HTML 3Page - Sharp Corporation S101S06F Datasheet HTML 4Page - Sharp Corporation S101S06F Datasheet HTML 5Page - Sharp Corporation S101S06F Datasheet HTML 6Page - Sharp Corporation S101S06F Datasheet HTML 7Page - Sharp Corporation S101S06F Datasheet HTML 8Page - Sharp Corporation S101S06F Datasheet HTML 9Page - Sharp Corporation S101S06F Datasheet HTML 10Page - Sharp Corporation S101S06F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
S101S06V Series
S201S06V Series
Sheet No.: D4-A02201EN
Remarks : Please be aware that all data in the graph are just for reference.
Fig.8 Repetitive Peak OFF-state Current vs.
Ambient Temperature
10
−9
10
−8
10
−7
10
−6
10
−4
10
−5
10
−3
−25
0
25
50
75
100
125
Ambient temperature Ta (˚C)
VD
=600V
Fig.7 Minimum Trigger Current vs.
Ambient Temperature
0
2
4
6
10
8
12
−25
0
25
50
75
100
125
Ambient temperature Ta (˚C)
VD
=6V
RL
=30Ω
Fig.5 Surge Current vs. Power-on Cycle
Fig.6 Maximum ON-state Power Dissipation
vs. RMS ON-state Current
10
0
10
20
30
40
50
60
1
100
f
=60Hz
Tj
=25˚C Start
Power-on cycle (Times)
0123456
1
2
3
4
5
6
RMS ON-state current IT (rms)(A)
Ta
=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com