Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S101S06F Datasheet(PDF) 6 Page - Sharp Corporation

Part # S101S06F
Description  Non-zero cross type is also available. (S101S05V Series)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S101S06F Datasheet HTML 2Page - Sharp Corporation S101S06F Datasheet HTML 3Page - Sharp Corporation S101S06F Datasheet HTML 4Page - Sharp Corporation S101S06F Datasheet HTML 5Page - Sharp Corporation S101S06F Datasheet HTML 6Page - Sharp Corporation S101S06F Datasheet HTML 7Page - Sharp Corporation S101S06F Datasheet HTML 8Page - Sharp Corporation S101S06F Datasheet HTML 9Page - Sharp Corporation S101S06F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S101S06V Series
S201S06V Series
0
70
60
50
40
30
20
10
Ambient temperature Ta (˚C)
−25
125
100
75
50
25
0
Fig.1 Forward Current vs. Ambient
Temperature
Fig.3 RMS ON-state Current vs.
Case Temperature
Sheet No.: D4-A02201EN
Fig.2 RMS ON-state Current vs.
Ambient Temperature
−25
0
25
50
75
100
125
0
1
2
3
4
5
Ambient temperature Ta (˚C)
(2)
(1)
(1) With heat sink (100×100×2mm Al plate)
(2) With heat sink (50×50×2mm Al plate)
(3) Without heat sink
(Note) In natural cooling condition, please locate Al
plate vertically, spread the thermal conductive
silicone grease on the touch surface of the
device and tighten up the device in the center
of Al plate at the torque of 0.4N • m.
(3)
0.1
10
100
1
0.6
1.0
0.8
1.2
1.4
1.6
1.8
Forward voltage VF (V)
Ta=75˚C
25˚C
50˚C
0˚C
−25˚C
Fig.4 Forward Current vs. Forward Voltage
0
1
2
3
4
5
Case temperature Tc (˚C)
−25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com