Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS303 Datasheet(PDF) 1 Page - Micross Components

Part # LS303
Description  Linear Systems High Voltage Super-Beta Monolithic Dual NPN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS303 Datasheet(HTML) 1 Page - Micross Components

  LS303 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
HIGH  GAIN  
hFE ≥ 2000 @ 1µA TYP. 
LOW OUTPUT CAPACITANCE 
COBO ≤ 2.0pF 
TIGHT VBE MATCHING 
|VBE1 – VBE2 |= 0.2mV TYP. 
HIGH ft 
100MHz 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
5mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 | 
Base Emitter Voltage Differential 
‐‐ 
0.2 
1 
mV 
IC = 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
1 
5 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
0.5 
1.5 
nA 
IC = 10µA, VCE = 5V 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
5 
‐‐ 
% 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage 
10 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage 
10 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage 
100 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
 
hFE 
 
DC Current Gain 
‐‐ 
2000 
‐‐ 
 
IC = 1µA, VCE = 5V 
2000 
‐‐ 
‐‐ 
 
IC = 10µA, VCE = 5V 
‐‐ 
2000 
‐‐ 
 
IC = 500µA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.5 
V 
IC = 1mA, IB = 0.1mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
0.2 
pA 
IC = 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
100 
pA 
IE = 0, VCB = 5V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VEB = 1V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
2 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
0.5 
nA 
VCC = ±20V 
fT 
Current Gain Bandwidth Product 
100 
‐‐ 
‐‐ 
MHz 
IC = 200µA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = 10µA,  VCE = 3V, BW=200Hz, RG= 10KΩ,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS303
MONOLITHIC DUAL
NPN TRANSISTOR
LS303 Features:
Very high gain
Tight matching
Low Output Capacitance
The LS303 is a monolithic pair of high voltage Super-
Beta NPN transistors mounted in a single P-DIP
package. The monolithic dual chip design reduces
parasitics and gives better performance while ensuring
extremely tight matching.
The 8 Pin P-DIP provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
Available Packages:
LS303 in P-DIP
LS303 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
P-DIP (Top View)


Similar Part No. - LS303

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS303 LINEAR-LS303 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS303 LINEAR-LS303 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS303_PDIP MICROSS-LS303_PDIP Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOIC MICROSS-LS303_SOIC Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS303

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS302 MICROSS-LS302 Datasheet
277Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS310 MICROSS-LS310 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS311 MICROSS-LS311 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS312 MICROSS-LS312 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS313 MICROSS-LS313 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS3250C MICROSS-LS3250C Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com