Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS846 Datasheet(PDF) 1 Page - Micross Components

Part # LS846
Description  Linear Systems Low Leakage Low Noise JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS846 Datasheet(HTML) 1 Page - Micross Components

  LS846 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOW LEAKAGE 
IG = 15pA TYP. 
LOW NOISE 
en = 3nV/√Hz TYP. 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature 
+135°C 
Maximum Voltage and Current– Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
60V 
‐VGDS 
Gate Voltage to Drain or Source 
60V 
‐VDSO 
Drain to Source Voltage 
60V 
‐IG(f) 
Gate Forward Current 
50mA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 350mW @ +125°C 
 
 
 
 
 
 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
60 
‐‐ 
‐‐ 
V 
VDS = 0                  ID=1nA 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
1500 
 
‐‐ 
 
‐‐ 
 
µmho 
 
VDG= 15V         VGS= 0V      f = 1kHz 
YfS 
Typical Operation 
1000 
1500 
‐‐ 
µmho 
     VDG= 15V         ID= 500µA     
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
1.5 
 
5 
 
15 
 
mA 
 
VDG= 15V              VGS= 0V 
 
VGS(off) or Vp 
GATE VOLTAGE 
Pinchoff voltage 
 
1 
 
‐‐ 
 
3.5 
 
V 
 
VDS= 15V               ID= 1nA 
VGS(on) 
Operating Range 
0.5 
‐‐ 
3.5 
V 
              VDS=15V                 ID=500µA 
 
‐IGmax. 
GATE CURRENT 
Operating 
 
‐‐ 
 
15 
 
50 
 
pA 
 
VDG= 15V ID= 500µA 
‐IGmax. 
High Temperature 
‐‐ 
‐‐ 
50 
nA 
TA= +125°C
 
‐IGmax. 
Reduced VDG 
‐‐ 
5 
30 
pA 
VDG = 3V ID= 500µA 
‐IGSSmax. 
At Full Conduction 
‐‐ 
‐‐ 
100 
pA 
VDG= 15V , VDS =0 
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
20 
 
µmho 
 
VDG= 15V              VGS= 0V 
YOS 
Operating 
‐‐ 
0.2 
2 
µmho 
VDG=  15V            ID= 500µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
0.5 
 
dB 
VDS= 15V      VGS= 0V       RG= 10MΩ 
f= 100Hz           NBW= 6Hz 
en 
Noise Voltage 
‐‐ 
3 
7 
nV/√Hz 
VDS=15V   ID=500µA  f=1KHz NBW=1Hz 
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
8 
 
 
pF 
 
 
VDS= 15V,   ID=500µA   
 
VDG= 15V,   ID=500µA   
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
3 
LS846
N-CHANNEL JFET
Linear Systems Low Leakage Low Noise JFET
The LS846 is a high-performance JFET featuring
extremely low noise and low leakage and is targeted for
use in a wide range of precision instrumentation
applications.
The 8 Pin P-DIP and 8 Pin SOIC provide ease of
manufacturing, and the symmetrical pinout prevents
improper orientation.
(See Packaging Information).
Available Packages:
LS846 / LS846 in PDIP & SOIC
LS846 / LS846 available as bare die
Please contact Micross for full package and die dimensions
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
LS846 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-
Ended Input Amps
High-Speed Comparators
Impedance Converters and vibrations
detectors.
PDIP & SOIC (Top View)


Similar Part No. - LS846

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS846 LINEAR-LS846 Datasheet
132Kb / 1P
LOW NOISE, LOW LEAKAGE SINGLE N-CHANNEL JFET
LS846 LINEAR-LS846_14 Datasheet
391Kb / 2P
LOW NOISE LOW LEAKAGE SINGLE N-CHANNEL JFET AMPLIFIER
logo
Micross Components
LS846_PDIP MICROSS-LS846_PDIP Datasheet
278Kb / 1P
N-CHANNEL JFET
LS846_SOIC MICROSS-LS846_SOIC Datasheet
278Kb / 1P
Linear Systems Low Leakage Low Noise JFET
LS846_SOT-23 MICROSS-LS846_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LS846

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS830_PDIP MICROSS-LS830_PDIP Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS843_SOIC MICROSS-LS843_SOIC Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS846_SOIC MICROSS-LS846_SOIC Datasheet
278Kb / 1P
Linear Systems Low Leakage Low Noise JFET
LS830 MICROSS-LS830 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS831 MICROSS-LS831 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS832 MICROSS-LS832 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS840 MICROSS-LS840 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS842 MICROSS-LS842 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS843 MICROSS-LS843 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS844 MICROSS-LS844 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com