Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP601-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP601-R
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP601-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP601-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
QBLP601 series
0603 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP601 series
Date: February 03, 2014
Page 5 of 13
Version# 3.1
Forward Voltage VF @ IF=20mA
Bin
Min.
Max.
Unit
b
1.6
1.9
V
c
1.9
2.2
d
2.2
2.5
e
2.5
2.8
f
2.8
3.1
g
3.1
3.4
h
3.4
3.7
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
D
25
32
mcd
E
32
40
F
40
50
G
50
63
H
63
80
I
80
100
J
100
125
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400
P
400
500
Q
500
630
R
630
800
Dominant Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
G
465
467.5
nm
H
467.5
470
I
470
472.5
J
472.5
475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com