Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP601-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QBLP601-R
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP601-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QBLP601-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP601-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QBLP601 series
0603 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP601 series
Date: February 03, 2014
Page 12 of 13
Version# 3.1
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP601-IB
QBLP601-IB
Iv=90 mcd Typ. @ IF=20mA /
Color=465-475nm
4,000 units
QBLP601-IG
QBLP601-IG
Iv=450 mcd Typ. @ IF=20mA /
Color=520-530nm
4,000 units
QBLP601-IW
QBLP601-IW
Iv=330 mcd Typ. @ IF=20mA /
CCT: (X=0.28, Y=0.26) typ.
4,000 units
QBLP601-R
QBLP601-R
Iv=100 mcd Typ. @ IF=20mA /
Color=620-630nm
4,000 units
QBLP601-AG
QBLP601-AG
Iv=45 mcd Typ. @ IF=20mA /
Color=565-576nm
4,000 units
QBLP601-Y
QBLP601-Y
Iv=150 mcd Typ. @ IF=20mA /
Color=585-595nm
4,000 units
QBLP601-O
QBLP601-O
Iv=165 mcd Typ. @ IF=20mA /
Color=600-610nm
4,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com