Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP610-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP610-R
Description  LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP610-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP610-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
QBLP610 _series
1206 LED
Product: QBL610_series
Date: June 25, 2011
Page 5 of 8
Version# 2.2
Solder Profile & Footprint:
-Recommended tin glue specifications: melting temperature in the range of 178~192
OC
-The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
( Proposed Solder footprint )
Units: mm
tolerance: +/- 0.1mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com