Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP610-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBLP610-R
Description  LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP610-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QBLP610-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QBLP610 _series
1206 LED
Product: QBL610_series
Date: June 25, 2011
Page 7 of 8
Version# 2.2
Labeling:
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP610-IW
QBLP610-IW
Iv = 320mcd typ. / (X = 0.30, Y = 0.31)
3,000 units
QBLP610-IB
QBLP610-IB
Iv = 100 mcd typ. / Color = 470nm
3,000 units
QBLP610-IG
QBLP610-IG
Iv = 400 mcd typ. / Color = 525nm
3,000 units
QBLP610-R
QBLP610-R
Iv = 85 mcd typ. / Color = 630nm
3,000 units
QBLP610-AG
QBLP610-AG
Iv = 50 mcd typ. / Color= 575nm
3,000 units
QBLP610-Y
QBLP610-Y
Iv = 170 mcd typ. / Color = 590nm
3,000 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com