Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP630-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBLP630-R
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP630-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBLP630-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QBLP630 series
0805 LED
Product: QBLP630_series
Date: June 15, 2011
Page 9 of 10
Version# 2.1
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP630-IW
QBLP630-IW
Iv = 250mcd typ. / X = 0.28,Y = 0.31
3,000 units
QBLP630-IB
QBLP630-IB
Iv = 45 mcd typ. / Color = 470 nm
3,000 units
QBLP630-IG
QBLP630-IG
Iv = 400 mcd typ. / Color = 525 nm
3,000 units
QBLP630-R
QBLP630-R
Iv = 80 mcd typ. / Color = 625 nm
3,000 units
QBLP630-AG
QBLP630-AG
Iv = 80 mcd typ. / Color = 570 nm
3,000 units
QBLP630-Y
QBLP630-Y
Iv = 125 mcd typ. / Color = 590 nm
3,000 units
QBLP630-O
QBLP630-O
Iv = 200 mcd typ. / Color = 606 nm
3,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com