Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP630-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBLP630-R
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP630-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBLP630-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP630-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QBLP630 series
0805 LED
Product: QBLP630_series
Date: June 15, 2011
Page 1 of 10
Version# 2.1
Feature:
 Water clear lens
 Package in tape and reel
 Bright 0805 LED package
 InGaN technology for IB/IG/IW
 AllnGaP technology for R/AG/Y/O
Description:
These ultra bright 0805 LEDs have a height profile of
0.80mm. Combination of high brightness output and
small footprint, these LEDs are ideal for keypad
backlighting and status indication.
Application:
 Status indication
 Back lighting application
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP630-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP630-IR1 ETC1-QBLP630-IR1 Datasheet
472Kb / 9P
0805 IR LED
QBLP630-IR2 ETC1-QBLP630-IR2 Datasheet
475Kb / 9P
0805 IR LED
QBLP630-IR3 ETC1-QBLP630-IR3 Datasheet
486Kb / 9P
0805 IR LED
More results

Similar Description - QBLP630-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com