Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP653R-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBLP653R-R
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP653R-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBLP653R-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QBLP653R_series
1208 LED
Product: QBLP653R_series
Date: February 16, 2012
Page 2 of 12
Version# 1.1
Electrical / Optical Characteristic (T=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Typ.
Max
Min
Typ.
Max
Min
Typ.
QBLP653R-IW
White
20
3.1
3.7
X = 0.25
Y = 0.24
X = 0.28
Y = 0.29
X = 0.33
Y = 0.34
100
180
QBLP653R-IB
Blue
20
3.2
3.7
455
460
465
400
750
QBLP653R-IG
Green
20
3.3
3.7
520
525
530
3200
5700
QBLP653R-R
Red
20
2.0
2.5
620
625
630
2000
3850
QBLP653R-AG
Yellow Green
20
2.0
2.5
565
570
576
320
620
QBLP653R-Y
Yellow
20
2.0
2.5
585
590
595
1600
3400
QBLP653R-O
Orange
20
2.0
2.5
600
605
610
1600
3350
Absolute Maximum Rating
Part #
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
IB/IG/IW
111
30
125
5
-40 ~ +80
-40 ~ +85
260
R/AG/Y/O
75
30
125
5
-40 ~ +80
-40 ~ +85
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF for AlInGaP @IF=20mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Forward Voltage VF for InGaN @IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com