Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP653R-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP653R-R
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP653R-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP653R-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653R-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QBLP653R_series
1208 LED
Product: QBLP653R_series
Date: February 16, 2012
Page 4 of 12
Version# 1.1
Dominant Wavelength λ
D for Yellow Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant Wavelength λ
D for Yellow @ IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com