Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP676-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBLP676-R
Description  U LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP676-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QBLP676-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
QBLP676_series
U LED
Product: QBLP676_series
Date: March 08, 2011
Page 7 of 9
Version# 1.0
Labeling:
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP670-IB
QBLP670-IB
Iv = 300 mcd Typ. @ 20mA/
Color = 460-475
2,000 units
QBLP670-IG
QBLP670-IG
Iv = 900 mcd Typ. @ 20mA/
Color = 515-535nm
2,000 units
QBLP670-R
QBLP670-R
Iv = 210 mcd Typ. @ 20mA/
Color = 620-635nm
2,000 units
QBLP670-AG
QBLP670-AG
Iv = 100 mcd Typ. @ 20mA/
Color = 564- 576nm
2,000 units
QBLP670-Y
QBLP670-Y
Iv = 170 mcd Typ. @ 20mA/
Color = 582
– 597nm
2,000 units
QBLP670-IW
QBLP670-IW
Iv = 2250 mcd Typ. @ 20mA/
Chromaticity: (X,Y)=(0.3219, 0.3381)
2,000 units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com