Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP676-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBLP676-R
Description  U LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP676-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBLP676-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QBLP676_series
U LED
Product: QBLP676_series
Date: March 08, 2011
Page 1 of 9
Version# 1.0
Feature:
 Package in tape and reel
 Ultra bright reflector type U LED
 InGaN technology for IB/IG/IW
 AlInGaP technology for R/AG/Y
 120 degree viewing angle
Description:
This ultra bright white U LED has a height profile of
1.30mm. Combination of high brightness output and
robust package, this LEDs is ideal for back lighting,
architecture lighting, and industrial equipment
lighting applications.
Application:
 Status indication
 Industrial equipment backlighting
 Architecture lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP676-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP676-R ETC-QBLP676-R Datasheet
668Kb / 12P
PLCC2 LED
QBLP676-R ETC1-QBLP676-R Datasheet
668Kb / 12P
PLCC2 LED
More results

Similar Description - QBLP676-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-3117E-51 SANYO-SLP-3117E-51 Datasheet
25Kb / 4P
첩3.1mm yellow-green contact type LED lamp (U-cut version)
SLP-9117E-51 SANYO-SLP-9117E-51 Datasheet
25Kb / 4P
첩3.1mm red contact type LED lamp (U-cut version)
logo
Dialight Corporation
433-1210-003XLU DIALIGHT-433-1210-003XLU Datasheet
69Kb / 1P
120 Volt LED Modules U-Turn Arrow
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
logo
PHOENIX CONTACT
2902042 PHOENIX-2902042 Datasheet
91Kb / 6P
Signal conditioner - MINI MCR-2-U-U
logo
Toshiba Semiconductor
TPCA8085 TOSHIBA-TPCA8085 Datasheet
383Kb / 9P
U-MOS
17-Jan-2014
logo
Diodes Incorporated
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
logo
Amphenol RF.
172132-BC RF-172132-BC Datasheet
150Kb / 1P
TYPE N BULKHEAD CRIMP JACK RG-55/U, 142/U, 223/U, 400/U BLACK PLATED
Rev. A
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
112526T RF-112526T Datasheet
36Kb / 1P
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com