Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK489 Datasheet(PDF) 1 Page - Micross Components

Part # LSK489
Description  MONOLITHIC DUAL N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSK489 Datasheet(HTML) 1 Page - Micross Components

  LSK489 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com
Features:
Reduced Noise due to process improvement
Monolithic Design
High slew rate & high CMRR 102dB
Low offset/drift voltage
Low gate leakage IGSS & IG
Benefits:
Tight differential match vs. current
Improved op amp speed settling time accuracy
Minimum Input Error trimming error voltage
Lower intermodulation distortion
Description:
The LSK 489 high performance monolithic dual JFETs features
extremely low noise, tight offset voltage and low drift over
temperature specifications, and is targeted for use in a wide
range of precision instrumentation applications.
LSK489 removes significant cost for test screening time needed
to match IDSS on 2 individual JFETS and offers ZERO yield loss.
LSK489 On-Chip IDSS matching gives closest possible
synchronous electrical performance and also offers better
matched performance when the chip is subjected to
temperature.
Availability:
LSK489 – TO-71 hermetic package
LSK489 – SOIC-A
LSK489 – SOT-23, 6 lead
LSK489 – BARE DIE
Contact Micross for full package dimensions
MAXIMUM RATINGS
LIMIT
MAXIMUM RATINGS
LIMIT
UNIT
SD210DE
SD214DE
Gate-Drain, Gate-Source
Voltage
±40V
±40V
Drain Current
50
mA
Gate-Substrate Voltage
±30V
±30V
Lead Temperature
300
°C
Drain-Source Voltage
30V
20V
Storage Temperature
-65 to 150
°C
Source-Drain Voltage
10V
20V
Operating Junction
Temperature
-55 to 125
°C
Drain -Substrate Voltage
30V
25V
Power Dissipation
300
mW
Source-Substrate Voltage
15V
25V
ELECTRICAL SPECIFICATION
PARAMETER
SYMB
OL
TEST CONDITIONS
TYP
LIMITS
UNIT
SD210DE
SD214DE
MIN
MAX
MIN
MAX
DRAIN-SOURCE BREAKDOWN
VOLTAGE
V(BR)DS
VGS = VBS = 0V, ID = 10µA
35
30
V
VGS = VBS = -5V, ID = 10nA
30
10
20
SOURCE-DRAIN BREAKDOWN
VOLTAGE
V(BR)SD
VGD = VBD = -5V, IS = 10nA
22
10
20
DRAIN-SUBSTRATE
BREAKDOWN VOLTAGE
V(BR)DBO
VGB = 0V, ID = 10nA
Source Open
35
15
25
SOURCE-SUBSTRATE
BREAKDOWN VOLTAGE
V(BR)SBO
VGB = 0V, IS = 10µA
Drain Open
35
15
25
DRAIN-SOURCE LEAKAGE
IDS(off)
VGS = VBS = -5V
VDS = 10V
0.4
10
nA
VDS = 20V
0.9
10
SOURCE-DRAIN LEAKAGE
ISD(off)
VGD = VBD = -5V
VSD = 10V
0.5
10
VSD = 20V
0.8
10
GATE LEAKAGE
IGBS
VDB = VSB = 0V , VGB = ±4 0V
0.001
0.1
0.1
V
THRESHOLD VOLTAGE
VGS(th)
VDS = VGS , ID = 1µA, VSB = 0V
0.8
0.5
1.5
0.1
1.5
DRAIN-SOURCE-ON
RESISTANCE
RDS(on)
VSB = 0V, ID = 1mA
VGS = 5V
58
70
70
VGS = 10V
38
45
45
VGS = 15V
30
VGS = 20V
26
VGS = 25V
24
DYNAMIC
FORWARD
TRANSCONDUCTANCE
SD210DE / SD214DE - Bare die and wafer form, contact
Micross for full datasheet and dimensions
ABSOLUTE MAXIMUM RATING
1 @ 25°C (unless otherwise stated)
Storage Temperature
-55 to +150°C
Junction Operating Temperature
-55 to +150°C
Continuous Power Dissipation, per side
4
300mW
Power Dissipation, total
5
500mW
Gate Forward Current
IG(F) = 10mA
Gate to Source Voltage
VGSO = 60V
Gate to Drain Voltage
VGDO = 60V
MATCHING CHARACTERISTICS, TA = 25°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DIFFERENTIAL GATE TO SOURCE CUTOFF
VOLTAGE
|VGS1 - VGS2|
-
-
20
mV
VDS = 10V, ID = 1mA
GATE TO SOURCE SATURATION CURRENT RATIO
IDSS1
IDSS2
0.9
-
1.0
-
VDS = 10V, VGS = 0V
COMMON MODE REJECTION RATIO
CMRR
95
102
-
dB
VDG = 10V to 20V, ID = 200µA
NOISE VOLTAGE
en
-
1.8
2.0
nV / √Hz
VDS = 15V, ID = 2mA, f = 1kHz
NBW = 1Hz
-
2.8
3.5
VDS = 15V, ID = 2mA, f = 10Hz
NBW = 1Hz
COMMON SOURCE INPUT CAPACITANCE
CISS
-
4
8
pF
VDS = 15V, ID = 500µA, f = 1MHz
COMMON SOURCE REVERSE TRANSFER
CAPACITANCE
CRSS
-
-
3
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
GATE TO SOURCE BREAKDOWN VOLTAGE
BVGSS
-60
-
-
V
VDS = 0, ID = -1nA
GATE TO GATE BREAKDWON VOLTAGE
V(BR) G1 – G2
±30
±45
-
V
IG = ±1µA, ID = IS = 0 A (Open Circuit)
GATE TO SOURCE PINCH-OFF VOLTAGE
VGS (OFF)
-1.5
-
-3.5
V
VDS = 15V, ID = 1nA
GATE TO SOURCE OPERATING VOLTAGE
VGS
-0.5
-
-3.5
V
VDS = 15V, ID = 500µA
DRAIN TO SOURCE SATURATION CURRENT
IDSS
2
2.5
5
15
mA
VDG = 15V, VGS = 0
GATE OPERATING CURRENT
IG
-
-2
-25
pA
VDG = 15V, ID = 200µA
-
-0.8
-10
nA
TA = 25°C
GATE TO SOURCE LEAKAGE CURRENT
IGSS
-
-
-100
pA
VDG = -15V, VDS = 0V
FULL CONDUCTION TRANSCONDUCTANCE
Gfs
1500
-
-
µS
VDG = -15V, VGS = 0, f = 1kHz
TRANSCONDUCTANCE
1000
1500
-
VDG = 15V, ID = 500µA
FULL OUTPUT CONDUCTANCE
GOS
-
-
35
VDG = 15V, VGS = 0V
OUTPUT CONDUCTANCE
-
0.2
2
VDG = 15V, ID = 200µA
NOISE FIGURE
NF
-
-
0.5
dB
VDS = 15V, VGS = 0V, RG = 10MΩ
f = 100Hz, NBW = 6Hz
Note 1 - Absolute Maximum Ratings are limiting values above which serviceability may be impaired, Note 2 - Pulse width ≤2ms, Note 3 - All MIN/TYP/MAX Limits are absolute values. Negative signs indicate electrical
polarity only, Note 4 - Derate 2.4mW/°C above 25°C, Note 5 - Derate 4mW/°C above 25°C
en = 1.8nV√Hz, Ciss = 4pF, MONOLITHIC DUAL N-CHANNEL JFET
Applications:
Wide band differential Amps
High speed temperature compensated single ended input
amplifiers
High speed comparators
Impedance convertors
High-Speed Driver
LSK489
Information Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties
which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Pinout:


Similar Part No. - LSK489

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
LSK489B LINEAR-LSK489B Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results

Similar Description - LSK489

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N5911_TO-71 MICROSS-2N5911_TO-71 Datasheet
280Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3954_TO-71 MICROSS-LS3954_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_PDIP MICROSS-LS3958_PDIP Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_SOT-23 MICROSS-LS3958_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS832_TO-71 MICROSS-LS832_TO-71 Datasheet
286Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Calogic, LLC
U443 CALOGIC-U443_15 Datasheet
33Kb / 2P
N-Channel JFET Monolithic Dual
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com