Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCT2E
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCT2E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCT2E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 5Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 6Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 7Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 8Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TIL111/TIL117/MCT2/MCT2E
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: TIL111/TIL117/MCT2/MCT2E
Date: February 1, 2011
Page 4 of 14
Version# 1.1
Electrical Characteristic (TA=25 oC)
Symbol
Characteristic
Device
Test Condition
Range
Unit
Emitter
Min
Typ
Max
VF
Forward Voltage
TIL111
If = 16mA
-
1.22
1.4
V
TIL117
TA=0-70ºC,
IF=16mA
-
-
1.4
TA= -55ºC,
IF=16mA
-
1.32
-
TA=110ºC,
IF=16mA
-
1.1
-
MCT2
MCT2E
If = 20mA
-
1.23
1.5
IR
Reverse Current
TIL111
TIL117
MCT2
MCT2E
VR = 6V
-
-
10
µA
Detector
Min
Typ
Max
ICEO
Collector-Emitter Dark
Current
TIL117
VCE = 30V,
IF= 0 mA, TA=70ºC
-
0.2
50
nA
TIL111
MCT2
MCT2E
VCE = 10V
IF= 0 mA
-
1
50
nA
ICBO
Collector-Base Dark Current
TIL111
TIL117
MCT2
MCT2E
VCB = 10V
-
-
20
nA
BVCBO
Collector-Base Breakdown
Voltage
IC = 0.01mA
80
-
-
V
BVCEO
Collector-Emitter Breakdown
Voltage
IC = 1mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
Voltage
IE = 0.1mA
7
-
-
V
BVEBO
Emitter-Base Breakdown
Voltage
IE = 0.1mA
7
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com