Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCT2E
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCT2E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCT2E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 5Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 6Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 7Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 8Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TIL111/TIL117/MCT2/MCT2E
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: TIL111/TIL117/MCT2/MCT2E
Date: February 1, 2011
Page 1 of 14
Version# 1.1
Feature:
 High Isolation voltage between input and output
(Viso = 5000V rms)
 Creepage distance > 7.6mm
 Operating temperature up to +100°C
 Compact dual-in-line package
 Packed in tube or Tape and reel
 Conventional black housing package
Schematic:
Certification & Compliance:
 Pb free and RoHS Compliant
 UL recognized (File # E338132)
 VDE recognized (File # 40030457)
Dimension: (Dot location indicates pin 1)
6-Pin Dip (standard):


Similar Part No. - MCT2E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2E MOTOROLA-MCT2E Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
MCT2E FAIRCHILD-MCT2E Datasheet
619Kb / 15P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Texas Instruments
MCT2E TI-MCT2E Datasheet
106Kb / 7P
OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2E INFINEON-MCT2E Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
More results

Similar Description - MCT2E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
6-PIN PHOTOTRANSISTOR OPTOCOUPLER
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
6-PIN PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q814 ETC1-Q814 Datasheet
502Kb / 13P
4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com