Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3F Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # 3F
Description  150 WATT POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3F Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  3F Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3F Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
150 WATT POWER ADAPTERS
DESCRI PTI O N
The 3F/3RF is a series of fan-less AC/DC switching
power adapters with 150 watts of continuous output
power. The units are enclosed in a 94V-1 rated
polyphenylene-oxide case with an IEC 320/C14 or
IEC320/C6 AC inlet to mate with interchangeable
cord for world-wide use. All model meet CISPR 22
and FCC class B emission limits, and comply with
UL, CSA, IEC and CE requirements.
FEAT URES
‧ High efficiency
‧ Low ripple & noise
‧ Ov erv o ltage protection
‧ Short-circuit protection
‧ Ov erpow er protection
‧ Ov er temperature protection
‧ 100% burn-in at full rated load
‧ S tandby consumption less than 1W
‧ Compliant w i th RoHS requirements
INPUT SPECIFICAT IONS
Input v o lt age :
90 to 264VAC
Input frequency :
47 to 63 Hz
Input current :
2.0A ( rms ) for 115VAC
1.0A ( rms ) for 230VAC
Earth leakage current:
Safety Standard Approvals :
GENERAL SPECIFICATIONS
Hold-up time:
Turn on delay time:
3 msec minimum at 100VAC
5 seconds maximum at 100VAC
Power factor:
0.95 typical
Efficiency:
88% min.
Line regulation:
±0.5% maximum at full load
Inrush current:
60A @ 115VAC or 100A @ 230VAC,
at 25ºC cold star
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
MTBF:
150,000 hours at full load at 25ºC
ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±4KV cont act
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±1KV
EN61000-4-5:
Surge, ±1KV dif f, ±2KV com.
EN61000-4-6:
Conducted immunity, 3V rms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11 :
Vo lt age dip s , 30% reduction for
500ms and >95% reduction for
10ms
Nemko EN60950: 2000
UL 60950-1
CSA C22.2 No. 60950-1
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
380mV peak to peak maximum
Overvoltage protection:
Set at 110-140% of its nominal
output voltage
Overcurrent protection:
All models protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering
to 1% of final value within 500µs
after a 25% step load change
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature: 0ºC to +40ºC
S t orage temperature:
-20ºC to +80ºC
Relativ e humidity :
10% to 90% non-condensing
RoHS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
150µA max. @ 115VAC, 60Hz
250µA max. @ 230VAC, 50Hz
3F/3RF SERIES


Similar Description - 3F

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
180 WATT POWER ADAPTERS
3RE-12-96 TRUMPOWER-3RE-12-96 Datasheet
226Kb / 2P
120 WATT POWER ADAPTERS
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
30 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
110 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
180 WATT POWER ADAPTERS
3RE TRUMPOWER-3RE Datasheet
226Kb / 2P
120 WATT POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com