Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3F Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # 3F
Description  150 WATT POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3F Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  3F Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3F Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
3F & 3RF SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Product No.
Output
Maximum
IEC 320/C14 Inlet
IEC 320/C6 Inlet
Vnom.
Imax.
Imin.
Tol.
Output Power
3F-12-150
3RF-12-150
12V
12.5A
0A
5%
150W
3F-15-150
3RF-15-150
15V
10.0A
0A
5%
150W
3F-19-150
3RF-19-150
19V
7.89A
0A
5%
150W
3F-20-150
3RF-20-150
20V
7.5A
0A
5%
150W
3F-24-150
3RF-24-150
24V
6.25A
0A
5%
150W
NOTE:
Ripple and noise: Peak-to-peak with 20MHz bandwidth and 47µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor at rated line voltage and load ranges.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 800 grams approx.
4.
Standard output connector is a 4-pin power DIN. Please consult TRUMPower for other connector options.
5.
The length of the output cable on 3F-12-150 and 3RF-12-150 is 37.4
″ (950.0mm).
PIN CHART
1
2
3
4
Shell of connector
Output +V
Output +V
Return
Return
DC Return &
AC Ground
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
or IEC 320/C6 INLET (3 round pins)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com