Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3H Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # 3H
Description  3RE-12-96
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3H Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  3H Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3H Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
180-220 WATT POWER ADAPTERS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
DESCRIPTION
The 3H & 3RH series of AC/DC desktop power adapters
are capable of delivering 180 to 220 watts of continuous
output power. They are enclosed in a 94V-1 rated
polyphenylene-oxide
case
with
an
IEC320/C14
or
IEC320/C6 AC inlet to mate with interchangeable cord
for world-wide use. All models meet CISPR 22 and FCC
class B emission limits, and comply with UL, TUV and
CE requirements.
FEATURES
•
High Effici e n c y
•
Ov er v o l t age protection
•
Short-circuit protection
•
O v erpo w e r p r otection
•
O v er temperature protec tion
•
Compliant w i th CEC and Energ y S t ar
Efficienc y lev e l V require ment s
•
No load po w e r consumpt ion < 0 . 5W
•
Av erage activ e efficienc y ≧ 87 %
•
Compliant w i th RoHS req u irement s
INPUT SPECIFICATIONS
Input voltage:
Input frequency:
Input current:
Touch current:
90-264 VAC
50-60 Hz
3 A (rms) for 100 VAC
1.3 A (rms) for 240 VAC
250 µA max. @ 264 VAC, 60 Hz
OUTPUT SPECIFICATIONS
Output
voltage/current:
See rating chart.
Total output power:
See rating chart.
Ripple and noise:
380 mV peak to peak maximum
Overvoltage
protection:
set at 112-145% of its nominal output
voltage.
Overcurrent
protection:
All models protected to short circuit
conditions
Temperature
coefficient:
All outputs ±0.04% /°C maximum
Transient response:
Maximum excursion of 4% or better on all
models, recovering to 1% of final value
within 500 us after a 25% step load
change
ENVIRONMENTAL SPECIFICATIONS
Operating temperature:
Storage temperature:
Relative humidity:
0°C to +40°C
-20°C to +80°C
10% to 90% non-condensing
SAFETY STANDARD APPROVALS
UL 60950-1, CSA C22.2 No. 60950-1
TUV EN60950-1
GENERAL SPECIFICATIONS
Hold-up time:
5 ms minimum at 110 VAC or 240 VAC
Efficiency:
87% minimum at full load
Turn on delay time:
3 seconds maximum at 110 VAC
Inrush current:
No damage
Withstand voltage:
1500 VAC from input to output and ground
MTBF:
100,000 hours at full load at 25°C ambient,
calculated per MIL-HDBK-217F
EMC Performance (EN55022)
EN55022:
Class B conducted, class B radiated
FCC:
Class B conducted, class B radiated
VCCI:
Class B conducted, class B radiated
EN61000-3-2:
Harmonic distortion, class D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±15 KV air and ±8 KV contact
EN61000-4-3:
Radiated immunity, 3 V/m
EN61000-4-4:
Fast transient/burst, ±1 KV
EN61000-4-5:
Surge, ±1 KV diff., ±2 KV com
EN61000-4-6:
Conducted immunity, 3 Vrms
EN61000-4-8:
Magnetic field immunity, 1 A/m
EN61000-4-11:
Voltage dip immunity,
30% reduction for 500 ms
>95% reduction for 10 ms
3H & 3RH Series
(LVD)
RoHS


Similar Description - 3H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
ERNI Electronics
244304 ERNI-244304 Datasheet
501Kb / 1P
FEDERLEISTE C 96
244307 ERNI-244307 Datasheet
514Kb / 1P
FEDERLEISTE C 96
254931 ERNI-254931 Datasheet
512Kb / 1P
FEDERLEISTE C 96
284984 ERNI-284984 Datasheet
89Kb / 1P
FEDERLEISTE C 96
100503210042 ERNI-100503210042 Datasheet
32Kb / 1P
Fuhrungsrahmen C 96
logo
Texas Instruments
DAC60096 TI1-DAC60096 Datasheet
2Mb / 51P
96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
logo
Virginia Panel Corporat...
510161110 VPC-510161110 Datasheet
55Kb / 1P
96 PIN THERMOCOUPLE
logo
DATEL, Inc.
EB48S12-8 DATEL-EB48S12-8 Datasheet
131Kb / 1P
Eighth-Brick 96-Watt, 12 Volts Output
EB45S12-8 DATEL-EB45S12-8 Datasheet
140Kb / 1P
Eighth-Brick 96-Watt, 12 Volts Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com