Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3H Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # 3H
Description  3RE-12-96
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3H Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  3H Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3H Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
DESKTOP POWER ADAPTERS
3H & 3RH SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output
Model
(2)
V1
Min. Current
Max. Current
Tol.
Ripple & Noise
(1)
Max. Power
Average Active
Efficiency (Typical)
@ 115 / 230 Vac
3H-12-180
12 V
0 A
15.00 A
5%
380 mV
180 W
88 / 90 %
3RH-12-180
12 V
0 A
15.00 A
5%
380 mV
180 W
88 / 90 %
3H-19-220
19 V
0 A
11.57 A
5%
380 mV
220 W
90 / 92 %
3H-24-220
24 V
0 A
9.16 A
5%
380 mV
220 W
88 / 90 %
3H-48-220
48 V
0 A
4.58 A
5%
480 mV
220 W
92 / 93 %
NOTES:
1.
Ripple and noise is maximum peak-to-peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and
output load ranges, and with a 47 µF electrolytic capacitor in parallel with a 0.1 µF ceramic capacitor across the output.
2.
3H models are equipped with IEC320/C14 inlet, and 3RH models with IEC320/C6 inlet.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 1.0 Kg (2.2 lbs.) approx.
4.
The length of output cable for 3H-19-220 is 37.4 [950.0]
5.
Output connector for 3H-12-180 and 3RH-12-180 is 4-pin plug without lock (molding type), mating with 4-pin socket, Kycon P/N KPJX-4S-S or
equivalent.
6.
Output connector for 3H-19-220, 3H-24-220 and 3H-48-220 is Molex Mini - Fit receptacle, P/N: 39-01-2060 with female terminal #5556 or
equivalent, mating with Molex plug 39-01-2066 and male terminal #5558 or equivalent. It also mates with Molex headers #5566, #5569, or
equivalent.
7.
Please contact us for other output connector options.
PIN CHART
1
2
3
4
SHELL OF
CONNECTOR
1
2
3
4
5
6
3H-12-180
3RH-12-180
+V1
V1 Return &
AC Ground
3H-19-220
3H-24-220
3H-48-220
V1 Return &
AC Ground
+V1
For 3H-12-180 and
3RH-12-180 only
PIN
PIN
MODEL
MODEL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com