Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TA2
Description  DC/DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TA2 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TA2 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
TA2-4S483.3
TA2-4S4805
TA2-4S4812
TA2-4S4815
TA2-4S4824
TA2-4D483.3
TA2-4D4805
TA2-4D4812
TA2-4D4815
TA2-4D4824
TA2-4S123.3
TA2-4S1205
TA2-4S1212
TA2-4S1215
TA2-4S1224
TA2-4D123.3
TA2-4D1205
TA2-4D1212
TA2-4D1215
TA2-4D1224
9-18 VDC IN
36-72 VDC IN
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
1000 mA
800 mA
333 mA
267 mA
167 mA
±500 mA
±400 mA
±167 mA
±133 mA
±84 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
±3.3 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage....................................................See Table
Nominal Input, 9-18V Input..................................12 VDC
18-36V Input.................................24 VDC
36-72V Input.................................48 VDC
Input Filter.......................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±1%, Max.
Voltage Balance, Balance Load.......................±1%, Max.
Line Regulation............................................±0.5%, Max.
Load Regulation, 10%FL-FL..........................±0.5%, Max.
Minimum Load.................................10% on Each Output
Ripple and Noise, 20MHz BW.................60 mVp-p, Max.
Short Circuit Protection..................................Continuous
GENERAL SPECIFICATIONS
Efficiency...........................................................75 - 85%
Isolation Voltage, Input to Output..........1,500 VDC, Min.
Suffix "H"..................3,500 VDC, Min.
Isolation Resistance.................................109 Ohms, Min.
Switching Frequency..................................250 kHz, Typ.
Operating Temperature, No Derating........-25°C to +71°C
Storage Temperature Range.................-40°C to +125°C
Cooling..............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>1,000k Hours
Weight.................................................0.6 oz. (19 grams)
Case Material, Standard..............Non-Conductive Plastic
Suffix "M"....Metal with Non-Conductive Base
TRUMPower
DC/DC CONVERTERS
-01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TA2 Series
2:1 Input, 24-pin DIP, 4-6 Watt
T
Other outputs also available.
*For 5W version, specify TA2-5XXXXX; for 6W version, specify TA2-6XXXXX.
*Add suffix "H" for 3.5KV isolation.
0.12
(3.05)
0.80
(20.3)
0.60
(15.2)
16
15
14
13
9
10
11
12
BOTTOM
VIEW
0.08
(2.0)
0.10
(2.5)
1.25
(31.8)
PIN SIZE: 0.02 INCH (0.5mm) DIA. OR 0.02 X 0.14 INCH
ALL DIMENSIONS IN INCHES (mm)
1
2
3
24
23
22
0.40
(10.2)
1, 24
12, 13
11, 14
-
10, 15
2,3,22,23
1, 24
12, 13
11, 14
3,10,15,22
2, 23
-
22, 23
2, 3
14
9, 16
11
-
22,23
2,3
14
-
16
11
1.5K VDC
ISOL.
PIN CONNECTIONS
DUAL
SINGLE
DUAL
SINGLE
FUNC.
+Vin
-Vin
+Vout
Com.
-Vout
*NC
*NC: No connection.
No pin on other pin locations.
3.5K VDC
TA2-4S243.3
TA2-4S2405
TA2-4S2412
TA2-4S2415
TA2-4S2424
TA2-4D243.3
TA2-4D2405
TA2-4D2412
TA2-4D2415
TA2-4D2424
18-36 VDC IN


Similar Part No. - TA2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
THERMATEL짰THERMALDISPERSION
logo
TiMOTION Technology Co....
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
Max. load 1,000N (push/pull)
20230814-V
logo
France Joint
TA2 FRANCEJOINT-TA2 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1212 TRUMPOWER-TA2-4D1212 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
More results

Similar Description - TA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com