Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAM30 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TAM30
Description  30 Watts Medical Grade AC/DC Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TAM30 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TAM30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TAM30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAM30 Series
30 Watts Medical Grade AC/DC Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
.
n
i
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
e
c
n
a
r
e
l
o
T
e
s
i
o
N
&
e
l
p
p
i
R
*
)
p
-
p
V
m
(
)
l
a
c
i
p
y
T
(
y
c
n
e
i
c
i
f
f
E
e
g
a
r
e
v
A
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
C
A
V
5
1
1
@
C
A
V
0
3
2
@
5
0
-
0
3
M
A
T
V
5A
0A
0
.
5%
5
±V
m
5
7%
3
8%
1
8W
5
2
9
0
-
0
3
M
A
T
V
9A
0A
3
3
.
3%
5
±V
m
0
9%
6
8%
4
8W
0
3
2
1
-
0
3
M
A
T
V
2
1A
0A
5
.
2%
5
±V
m
0
2
1%
6
8%
5
8W
0
3
5
1
-
0
3
M
A
T
V
5
1A
0A
0
.
2%
5
±V
m
0
5
1%
8
8%
6
8W
0
3
8
1
-
0
3
M
A
T
V
8
1A
0A
6
6
.
1%
5
±V
m
0
8
1%
8
8%
6
8W
0
3
4
2
-
0
3
M
A
T
V
4
2A
0A
5
2
.
1%
5
±V
m
0
4
2%
9
8%
7
8W
0
3
8
4
-
0
3
M
A
T
V
8
4A
0A
5
2
6
.
0%
5
±V
m
0
8
4%
1
9%
0
9W
0
3
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 1.0A (rms) @ 115 VAC
0.6A (rms) @ 230 VAC
Inrush Current ..................... 50A @ 115 VAC or 100A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 100µA max. @ 264 VAC, 63Hz
GENERAL SPECIFICATIONS
Efficiency ............................. See table
Hold-up Time ....................... 8 ms min. at 115 VAC
Turn on Delay Time ............. 3 seconds max. at 115 VAC
Switching Frequency ........... 67 KHz
Line Regulation ................... ±0.5% max. at full load
Operating Temperature ...... 0°C to +50°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +60°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 10% to 90% non-condensing
Withstand Voltage ............... 4,000 VAC from input to output
MTBF .................................... 300K hrs min. at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• 90~264 VAC Universal Input
• Class I with IEC 320/C14 AC Inlet
• Power-on LED Indicator
• Low Earth Leakage Current
• Standby Consumption < 0.3W
• Meet CEC & Energy Star Efficiency Level V Requirements
OUTPUT SPECIFICATIONS
Output Power Ratings ......... See table
Ripple and Noise ................ See table
Overvoltage Protection ........ Set at 116-230% of its nominal
output voltage
Overcurrent Protection ........ Protected to short-circuit conditions
Transient Response ........... Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
STANDARDS & COMPLIANCES
IEC 60601-1-2 ..................... EMC performance
EN 55011, FCC, VCCI ......... Class B, conducted & radiated
EN 61000-3-2 ...................... Harmonic distortion, Class A
EN 61000-3-3 ...................... Line flicker
EN 61000-4-2 ...................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 ...................... Radiated immunity, 3V/m
EN 61000-4-4 ...................... Fast transient/burst, ±2 KV
EN 61000-4-5 ...................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ...................... Conducted immunity, 3 Vrms
EN 61000-4-8 ...................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................... Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................. UL60601-1, EN 60601-1
CSA C22.2 No. 601.1
Agency Approvals ................ UL, cUL, TUV, CB, CE (LVD)
Other Compliances ............ RoHS, CEC & Energy Star Level V
MODELS LIST
* Measured at rated line voltage and output load ranges, 20 MHz BW, with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor across the output.


Similar Part No. - TAM30

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
TAM-100A-J TALEMA-TAM-100A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
TAM-150A-J TALEMA-TAM-150A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
TAM-350A-J TALEMA-TAM-350A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
logo
List of Unclassifed Man...
TAM-3517 ETC2-TAM-3517 Datasheet
791Kb / 1P
System on Module
TAM-3517-I ETC2-TAM-3517-I Datasheet
791Kb / 1P
System on Module
More results

Similar Description - TAM30

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
90 WATTS MEDICAL POWER ADAPTERS
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
TRW30 TRUMPOWER-TRW30 Datasheet
77Kb / 1P
30 Watts AC/DC Wall Mount Power Adapters
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
TMW10 TRUMPOWER-TMW10_16 Datasheet
320Kb / 2P
6.6 to 15 Watts Medical Grade Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com