Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAM30 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TAM30
Description  30 Watts Medical Grade AC/DC Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TAM30 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TAM30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TAM30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAM30 Series
30 Watts Medical Grade AC/DC Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#TAM30-2011-0819
MECHANICAL SPECIFICATIONS
NOTES:
1. Dimensions: inches [mm]
2. Tolerance: 0.02 [0.5] maximum
3: Weight: approx. 260 grams (0.57 lbs.)
4. Standard output connector: 2.1 x 5.5 x 9.5 mm C+ barrel plug. Contact TRUMPower for other connector options.
5. Mating connector: Switchcraft 722A or equivalent.
6. The length of the output cable is 59.06 [1500] 18 AWG, except 39.37 [1000] 16 AWG for 5V and 9V output models, so as to comply with CEC and Energy Star
efficiency level V requirements.
(See note for more information on the output cable.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com