Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA562 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 2SA562
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SA562 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2SA562 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SA562 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1
-10
-100
-10
-100
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
125
250
375
500
625
-0.1
-1
-10
1
10
100
-0.0
-0.5
-1.0
-1.5
-0
-40
-80
-120
-100
10
100
1000
-300
f
T
——
I
C
——
h
FE
——
-500
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=-1V
T
a=25
℃
T
a=100
℃
I
C
COLLECTOR CURRENT I
C
(mA)
-500
I
C
V
BE
-500
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
T
a
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
Static Characteristic
-0.80mA
-0.72mA
-0.64mA
-0.56mA
-0.48mA
-0.40mA
-0.32mA
-0.24mA
-0.16mA
COMMON EMITTER
T
a=25
℃
I
B=-0.08mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
2SA562
Typical Characteristics
COMMON EMITTER
V
CE= -6V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-10
,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com