Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA562 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SA562
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SA562 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SA562 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SA562 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
2SA562
TRANSISTOR (PNP)
FEATURES
Excellent hFE Linearlity
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Power Dissipation
500
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -100μA , IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA ,
IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-1V, IC=-100mA
70
240
Collector-emitter saturation voltage
VCE(sat)
IC= -100mA, IB= -10mA
-0.25
V
Base-emitter voltage
VBE
VCE=-1V,IC=-100mA
-1
V
Transition frequency
fT
VCE= -6V, IC= -20mA
200
MHz
Collector output capacitance
Cob
VCB=-6V,IE=0,f=1MHz
13
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
70-140
120-240
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SA562

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA562 ETC-2SA562 Datasheet
1,015Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
2SA562 SECOS-2SA562 Datasheet
482Kb / 2P
PNP Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA562 WINNERJOIN-2SA562 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
logo
Inchange Semiconductor ...
2SA562 ISC-2SA562 Datasheet
235Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA562

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com