Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1008 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 2SC1008
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC1008 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2SC1008 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC1008 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1
10
1
10
100
1000
200
400
600
800
1000
0.1
1
10
100
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
0.1
1
10
100
0
200
400
600
800
1000
0.1
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
01
234
5678
9
10
0.00
0.05
0.10
0.15
0.20
0.25
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=2V
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
700
700
700
700
——
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
T
a=25
β=10
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=2V
T
a=25
T
a=100
I
C
h
FE
——
Typical Characterisitics
2SC1008
1mA
900uA
800uA
700uA
600uA
500uA
400uA
300uA
200uA
I
B=100uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
B,Aug,2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com