Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1008 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC1008
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC1008 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC1008 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC1008 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B,Aug,2014
TO – 92
1. EMITTER
2. BASE
3. COLLECTOR
TO-92 Plastic-Encapsulate Transistors
2SC1008
TRANSISTOR (NPN)
FEATURES
General Purpose Switching and Amplification
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
8
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=2V, IC=50mA
40
400
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC=500mA,IB=50mA
1.1
V
Collector output capacitance
Cob
VCB=10V,IC=0, f=1MHz
8
pF
Transition frequency
fT
VCE=10V,IC= 50mA
30
MHz
CLASSIFICATION OF hFE
RANK
R
O
Y
G
RANGE
40-80
70-140
120-240
200-400
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current
700
mA
PC
Collector Power Dissipation
800
mW
RθJA
Thermal Resistance From Junction To Ambient
156
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1008 ETC-2SC1008 Datasheet
352Kb / 3P
TRANSISTOR NPN
2SC1008 ETC1-2SC1008 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC1008 TEL-2SC1008 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Weitron Technology
2SC1008 WEITRON-2SC1008 Datasheet
352Kb / 3P
NPNPlastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC1008

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com