Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC2383
Description  High voltage VCEO 160V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC2383 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC2383 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC2383 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High voltage: VCEO=160V
Large continuous collector current capability
Complementary to 2SA1013
MAXIMUM RATINGS (TA=25
unless otherwise noted
℃
)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
0.75
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55 to +150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA , IE=0
160
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=150V, IE=0
1
μA
Collector cut-off current
ICER
VCB=150V,REB= 10MΩ
10
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
1
μA
hFE1
VCE=5V, IC=200mA
60
320
DC current gain
hFE2
VCE=5V, IC=10mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500m A, IB=50mA
1
V
Base-emitter voltage
VBE
IC=5mA, VCE= 5V
0.75
V
Transition frequency
f T
VCE=5V, IC=200mA
20
MHz
CLASSIFICATION OF hFE1
Rank
R
O
Y
Range
60-120
100-200
160-320
1.
EMITTER
2.
COLLECTOR
3.
BASE
2SC2383
TO-92L Transistor (NPN)
1
2
3
Features
TO-92L
Dimensions in inches and (millimeters)
TIGER ELECTRONIC CO.,LTD
3.700
4.100
1.280
1.580
0.350
0.550
0.600
0.800
0.350
0.450
4.700
5.100
4.000
7.800
8.200
2.440
2.640
13.800
14.200
1.600
0.000
0.300
1.270 TYP


Similar Part No. - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
2SC2383 TOSHIBA-2SC2383 Datasheet
135Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2383 WINNERJOIN-2SC2383 Datasheet
136Kb / 1P
TRANSISTOR (NPN)
logo
Unisonic Technologies
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
SeCoS Halbleitertechnol...
2SC2383 SECOS-2SC2383 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
160V, SOT23, NPN High voltage transistor
AUGUST 2007
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
160V, SOT223, NPN high voltage transistor
AUGUST 2007
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
160V, SOT89, NPN high voltage transistor
AUGUST 2007
logo
Maxwell Technologies
BMOD0006 MAXWELL-BMOD0006 Datasheet
982Kb / 4P
160V DC working voltage
logo
Diodes Incorporated
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
logo
Inchange Semiconductor ...
2SC5172 ISC-2SC5172 Datasheet
184Kb / 2P
High Collector Breakdown Voltage: VCEO =400V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com