Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5172 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC5172 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC5172
Download  2SC5172 Download
File Size   184.83 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Collector Breakdown Voltage: VCEO =400V

2SC5172 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5172 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC5172
Download  2SC5172 Click to download

File Size   184.83 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Collector Breakdown Voltage: VCEO =400V

2SC5172 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SC5172

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5172 TOSHIBA-2SC5172 Datasheet
166Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5172 TOSHIBA-2SC5172 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
2SC5172 TOSHIBA-2SC5172 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
More results


Similar Description - 2SC5172

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA44LT1G LRC-LMBTA44LT1G Datasheet
83Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR High Breakdown Voltage: VCEO=400
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Inchange Semiconductor ...
3DD4515 ISC-3DD4515 Datasheet
207Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
3DD7G ISC-3DD7G Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
DT430 ISC-DT430 Datasheet
129Kb / 2P
Collector-Emitter Breakdown Voltage
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com