Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT1815 Datasheet (PDF) - First Components International

FMBT1815 Datasheet PDF - First Components International
Part # FMBT1815
Download  FMBT1815 Download
File Size   69.11 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO

FMBT1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1815 Datasheet PDF - First Components International

Part # FMBT1815
Download  FMBT1815 Click to download

File Size   69.11 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO

FMBT1815 Datasheet (HTML) - First Components International


FMBT1815 Product details

NPN Epitaxial Planar Transistor




Similar Part No. - FMBT1815

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1000 FAIRVIEW-FMBT1000 Datasheet
524Kb / 3P
SMA Bias Tee From 500 MHz to 10 GHz Rated To 700 mA And 50 Volts DC
REV 1.0
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Infinite Electronics In...
FMBT1623 FAIRVIEW-FMBT1623 Datasheet
704Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1624 FAIRVIEW-FMBT1624 Datasheet
700Kb / 4P
10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1625 FAIRVIEW-FMBT1625 Datasheet
698Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
More results


Similar Description - FMBT1815

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA44LT1G LRC-LMBTA44LT1G Datasheet
83Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR High Breakdown Voltage: VCEO=400
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
NPN Switching Transistor Collector - Emitter Voltage VCEO 40
FMBT4403 FCI-FMBT4403 Datasheet
73Kb / 2P
PNP Switching Transistor Collector - Emitter Voltage VCEO 40
logo
ON Semiconductor
BC817-16L ONSEMI-BC817-16L_11 Datasheet
186Kb / 10P
General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
logo
Inchange Semiconductor ...
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com