Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCPRO600 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # BCPRO600
Description  BC Pro 600VA Tower Standby 120V UPS with USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO600 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BCPRO600 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC Pro 600VA Tower Standby 120V UPS with USB
port
MODEL NUMBER: BCPRO600
Description
Tripp Lite's BCPRO600 standby UPS offers complete power protection for desktop PCs, network workstations and a wide variety of consumer and
professional electronics. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected equipment running
without interruption or data loss during power failures. Surge-only outlets offer convenient protection for printers and other desktop accessories not requiring
battery support. AC and dataline surge suppression prevents connected equipment damage. USB communications port supports built-in power management
and auto-shutdown features of Windows and Mac OS X or full featured monitoring and data-saving auto-shutdown options using Tripp Lite's free PowerAlert
monitoring software.
Features
BCPRO600 tower 120V standby UPS offers AC power protection from blackouts, brownouts, overvoltages and transient surges
600VA / 345 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts, brownouts and overvoltages to prevent data loss
and system downtime for connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
5.7 minutes runtime at 100% load (345 watts), 14.5 minutes runtime at 50% load (175 watts)
42 minutes runtime for a desktop computer system consuming 80 watts continuous
6 built-in total NEMA 5-15R outlets
3 UPS battery backup outlets, plus 3 additional surge-only outlets
Right angle NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup, DSL or ethernet
line
97% line mode efficiency rating uses less energy and BTU emissions
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
Front panel LEDs indicate line / battery mode and battery replace status; Audible alarm with alarm cancel / self-test button
Highlights
600VA tower 120V standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection, 97% efficient
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
BCPRO600 Standby UPS
System
USB cable
Phone cable
Instruction manual
1 / 4


Similar Part No. - BCPRO600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
More results

Similar Description - BCPRO600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
BC Personal 450VA Tower Standby 120V UPS with USB port
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
BC Pro 600VA Tower Standby 120V UPS with USB port
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
BC Pro 1050VA Tower Standby 120V UPS with USB port
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
BC Personal 450VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
BC Pro 1050VA Tower Standby 120V UPS with USB port
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com