Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCPRO600 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # BCPRO600
Description  BC Pro 600VA Tower Standby 120V UPS with USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO600 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  BCPRO600 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO600 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Front panel LEDs indicate line / battery mode and battery replace status; Audible alarm with alarm cancel / self-test button
Hot swappable user battery replacement
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Small tower housing supports desk or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
600
Output Watt Capacity (Watts)
345
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
6 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5.7 min. (345w)
Half Load Runtime (min.)
14.5 min. (175w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 4.5 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com