Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT850UPS Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # HT850UPS
Description  Home Theater Ultra-compact Line-Interactive 120V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT850UPS Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  HT850UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC System Voltage (VDC)
12
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage Correction
Input voltages between 129 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 83 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
400
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 2 out); Coax jacks (1 set)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
4 x 12 x 7
UPS Power Module Dimensions
(hwd, cm)
10.2 x 30.5 x 17.8
UPS Power Module Weight (lbs.)
15.2
UPS Power Module Weight (kg)
6.9
UPS Shipping Dimensions (hwd / in.)
5.5 x 14.5 x 9.8
UPS Shipping Dimensions (hwd /
cm)
14 x 36.8 x 24.8
Shipping Weight (lbs.)
16.4
Shipping Weight (kg)
7.4
UPS Housing Material
ABS
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com