Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT850UPS Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # HT850UPS
Description  Home Theater Ultra-compact Line-Interactive 120V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT850UPS Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  HT850UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Home Theater Ultra-compact Line-Interactive 120V
UPS with USB port
MODEL NUMBER: HT850UPS
Description
Tripp Lite's HT850UPS line-interactive UPS offers complete protection for PCs, workstations and other sensitive
electronics in an ultra-compact, mountable housing. Internal UPS circuits support individual VCR/DVR components as long as 3 hours during power failures.
Prevents data loss and system downtime by providing battery-supported AC output during blackouts and automatic voltage regulation (AVR) during brownouts
and overvoltages. Includes 12 output receptacles, 4 of which are widely spaced to accommodate large transformer blocks without obscuring adjacent outlets. 6
outlets offer full battery support and surge suppression, protecting computers, monitors and other vital system components from power loss. 6 additional
outlets with surge suppression only are ideal for printers and other peripherals not requiring battery support. Single-line telephone suppression jacks protect
modems, fax machines, cordless phones or other equipment with a DSL or standard dialup RJ-11 phone line connection. Set of gold coaxial line surge
suppression jacks protect CATV, satellite or broadcast antenna connections. USB communications interface with PowerAlert monitoring software (free via web
download) and cabling enables a safe, unattended system shutdown. HID-compliant USB port enables integration with built-in power management and
auto-shutdown features of Windows and Mac OS X. Audible alarm and front panel LEDs offer status information regarding line and battery power operation.
450W power-handling ability supports entry-level PCs for up to 35 min. during power failures. $100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto
Rico only).
Features
HT850UPS line-interactive UPS offers protection from blackouts, brownouts and surges on AC, tel/DSL and coaxial line connections
Built-in automatic voltage regulation (AVR) boosts brownouts as low as 83V and reduces overvoltages up to 147V back to usable 120V nominal levels
12 AC outlets, 4 of which are widely spaced to accommodate large transformer blocks without obscuring adjacent outlets
6 UPS battery-supported outlets protect computers, monitors and vital system peripherals; 6 additional surge suppression-only outlets protect system
accessories not requiring battery support
Provides battery-derived AC output during blackouts, voltage boost during brownouts and voltage reduction during overvoltages
750VA/450W power-handling ability supports a variety of home theater equipment, workstations and other sensitive electronics
Supports individual VCR/DVR components as long as 3 hours during power failures
Built-in single-line tel/DSL surge suppression protects modems, fax machines or cordless phones. Built-in coaxial line surge suppression protects CATV,
satellite or broadcast antenna connections
USB communications interface, FREE PowerAlert Software and cabling provide monitoring of site power conditions
HID-compliant USB port enables integration with built-in power management and auto-shutdown features of Windows and Mac OS X
Highlights
750VA ultra-compact 120V line
interactive UPS for home theater
Corrects brownouts and
overvoltages from 83V to 147V
6 UPS battery supported outlets,
6 surge-only outlets
USB port, TEL/DSL/Coax
protection, Wall mountable, 98%
efficient
NEMA 5-15P input plug and 12
NEMA 5-15R outlets
Package Includes
HT850UPS UPS System
USB cable
Phone cable
Gold coax cable
Instruction manual
1 / 5


Similar Part No. - HT850UPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
More results

Similar Description - HT850UPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AVR550U ETC2-AVR550U Datasheet
531Kb / 6P
AVR Series 550VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR900U ETC2-AVR900U Datasheet
530Kb / 6P
AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR550U TRIPPLITE-AVR550U Datasheet
526Kb / 4P
AVR Series 550VA Ultra-compact Line-Interactive 120V UPS
AVR650UM TRIPPLITE-AVR650UM Datasheet
524Kb / 5P
AVR Series 650VA Ultra-compact Line-Interactive 120V UPS
AVR700U TRIPPLITE-AVR700U Datasheet
522Kb / 5P
AVR Series 700VA Ultra-compact Line-Interactive 120V UPS
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR900U TRIPPLITE-AVR900U Datasheet
527Kb / 5P
AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com