Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE500 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNETOFFICE500
Description  Internet Office 500VA Tower Standby 120V UPS with USB port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNETOFFICE500 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNETOFFICE500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Internet Office 500VA Tower Standby 120V UPS with
USB port
MODEL NUMBER: INTERNETOFFICE500
Description
Tripp Lite's INTERNETOFFICE500 standby UPS system offers surge suppression and long-lasting battery support for personal computers, internetworking
equipment and other sensitive electronics. Internal UPS circuits support entry-level PC systems for up to 30 minutes during power failures and brownouts so
that connected equipment can be shut down without data loss. Offers complete desktop power protection in an attractive gray tower configuration. Includes 3
battery-supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system
accessories not requiring battery support. USB port enables optional unattended system shutdown without data loss in case of extended power failure; cable
included. PowerAlert software available via FREE download from www.tripplite.com. Built-in TEL/DSL or ethernet line surge suppression protects connected
equipment from damaging surges. Built-in audible alarm and 3 front-panel LEDs indicate line power status, battery power status and battery low/replace
status. 500VA/280W power handling ability supports entry-level PCs, network workstations, point-of-sale equipment, small business phone systems,
audio/video equipment and home theater systems. Offers 4.6 min. battery runtime with a full load of 500VA and 14.8 min. with a half load of 250VA. Supports
user battery replacement via built-in access panel. $150,000connected equipment insurance (USA, Puerto Rico, & Canada only).
Features
INTERNETOFFICE500 standby UPS system offers UPS battery support, plus complete AC and tel/Ethernet modem line surge suppression
Supports entry level PC systems for up to 30 min. during brownouts and power failures, enabling safe system shutdown
Supports a max load of 500VA/280W for 4.6 min.
Supports a half load of 250VA/140W for 14.8 min.
Supplies battery-derived AC output during brownouts starting at 99V and overvoltages starting at 147V; user adjustment allows fine tuning of brownout
response to any setting from 83V to 99V
Attractive gray tower configuration
Includes 3 battery-supported outlets, 3 surge suppression-only outlets and 6-ft. AC line cord (all NEMA 5-15)
USB port enables safe unattended shutdown without data loss during extended power failures; includes USB cable
USB port supports messaging of UPS and line power status, including on-battery, low-battery, power-restored, AC line voltage, DC battery voltage and
battery capacity
Interface supports timed inverter shutoff after unattended shutdown PowerAlert software available via FREE download from www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
Highlights
500VA tower 120V standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
INTERNETOFFICE500 UPS
System
USB cable
Phone cable
Instruction manual
1 / 5


Similar Part No. - INTERNETOFFICE500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNETOFFICE500 ETC2-INTERNETOFFICE500 Datasheet
502Kb / 6P
Internet Office 500VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNETOFFICE500 TRIPPLITE-INTERNETOFFICE500_15 Datasheet
500Kb / 5P
Internet Office 120V 500VA 280W Standby UPS,USB port, 6 Outlets, Tel,DSL,Ethernet Protection
More results

Similar Description - INTERNETOFFICE500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE500 ETC2-INTERNETOFFICE500 Datasheet
502Kb / 6P
Internet Office 500VA Tower Standby 120V UPS with USB port
INTERNETOFFICE700 ETC2-INTERNETOFFICE700 Datasheet
492Kb / 6P
Internet Office 700VA Tower Standby 120V UPS with USB port
POS500 ETC2-POS500 Datasheet
520Kb / 6P
POS Series 500VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE700 TRIPPLITE-INTERNETOFFICE700 Datasheet
489Kb / 5P
Internet Office 700VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com