Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE500 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # INTERNETOFFICE500
Description  Internet Office 500VA Tower Standby 120V UPS with USB port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNETOFFICE500 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  INTERNETOFFICE500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved INTERNETOFFICE500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Built-in dataline suppression jacks protect a single dialup phone/DSL line or network Ethernet line connection
Built-in audible alarm and 3 front-panel LEDs indicate line power, battery power and battery low/replace status
500VA/280W power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports user battery replacement via built-in access panel
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
$150,000connected equipment insurance (USA, Puerto Rico, & Canada only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
500
Output Watt Capacity (Watts)
280
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
6 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com