Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBDX Datasheet(PDF) 1 Page - OptoSupply International

Part # OBDX
Description  DC Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OBDX Datasheet(HTML) 1 Page - OptoSupply International

  OBDX Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LAMP Series
■
Characters
■
Package Outline
(unit:mm)
#DC Driver
#Viewing angle 30 deg
■
Absolute Maximum Rating
(Ta=25℃)
*1 Pulse width Max.10ms Duty ratio max 1/10
Bulk-----------------------------------------------------------100pieces/bag( Code No.1 )
Bulk-----------------------------------------------------------200pieces/bag( Code No.2 )
Bulk-----------------------------------------------------------500pieces/bag( Code No.5 )
0.45
9000
12000
<10uA
4-24
0.41
0.49
0.37
OBDX-M5DK8B31F
Warm White
Water Clear
4-24
25000
18000
0.26
0.29
0.25
0.28
<10
Reverse
Current IR(uA)
Working Current:IF=20mA
Typ.
Max.
4-24
5200
8000
<10
25000
Reverse
Current IR(uA)
Forward
Voltage DC
VF(V)
■
Electrical And Optical Characteristics
(Ta=25℃)
Part Number
*2
Emitting
Color
Lens
Type
Luminous Intensity
IV(mcd)
*3
Part Number
*2
White
<10uA
Max.
Forward
Voltage DC/AC
VF(V)
Typ.
AC Forward Current
℃
mA
mA
PD
Topr
Tstg
Luminous Intensity
IV(mcd)
*3
■
Electrical And Optical Characteristics
(Ta=25℃)
Storage Temperature
Emitting
Color
Lens
Type
AC
DC
Working Current:IF=20mA
Max.
XY
Min.
mW
℃
Min.
Max.
-20~+70
Symbol
Value
Chromaticity Coordinates
*4
Pulse Forward Current*
Power Dissipation
Operating Temperature
IF
IFP
Item
Unit
OBDX-B5SA8B31F
Blue
Water Clear
4-24
OBDX-W5DK8B31F
Water Clear
4-24
4-24
4-24
<10
Dominant Wavelength
wd(nm)
*5
Typ.
Max.
470
475
Typ.
Max.
OBDX-G5DA8B31F
Pure Green
Water Clear
4-24
4-24
525
530
20000
<10
*3 Axial Direction (Luminous Intensity)
OBDX-Y5MA8B31F
Yellow
Water Clear
4-24
4-24
4-24
4-24
605
15000
590
595
13000
<10
■
Package
*5 Devices are sorted by 5nm wavelength ranges
*2 See table for Luminous Intensity Ranks
OBDX-O5MA8B31F
Orange
Water Clear
4-24
625
630
*4 Please refer to CIE 1931 chromaticity diagram.
610
13000
15000
13000
OBDX-R5MA8B31F
Red
Water Clear
4-24
15000
0.34
0.44
0.15
OBDX-K5DK8B31F
Pink
Water Clear
4-24
0.25
2100
3000
<10uA
20
70*1
90
-10~+50


Similar Part No. - OBDX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OBDX-B5SA8B31F OPTOSUPPLY-OBDX-B5SA8B31F Datasheet
30Kb / 1P
AC or DC Driver Viewing angle 30 deg
OBDX-G5DA8B31F OPTOSUPPLY-OBDX-G5DA8B31F Datasheet
30Kb / 1P
AC or DC Driver Viewing angle 30 deg
OBDX-K5DK8B31F OPTOSUPPLY-OBDX-K5DK8B31F Datasheet
30Kb / 1P
AC or DC Driver Viewing angle 30 deg
OBDX-M5DK8B31F OPTOSUPPLY-OBDX-M5DK8B31F Datasheet
30Kb / 1P
AC or DC Driver Viewing angle 30 deg
OBDX-O5GA8B31Q OPTOSUPPLY-OBDX-O5GA8B31Q Datasheet
30Kb / 1P
AC or DC Driver Viewing angle 30 deg
More results

Similar Description - OBDX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7247AP TOSHIBA-TA7247AP Datasheet
410Kb / 12P
DC MOTOR DRIVER
TA7745P TOSHIBA-TA7745P Datasheet
264Kb / 8P
DC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
Synchronous DC-DC MOSFET Driver
logo
Toshiba Semiconductor
TA7248P TOSHIBA-TA7248P Datasheet
185Kb / 4P
DC MOTOR DRIVER
logo
Silan Microelectronics ...
SA1510 SILAN-SA1510 Datasheet
56Kb / 3P
DC MOTOR DRIVER
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
DC-DC Constant Current LED driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
DC-DC LED driver
logo
CUI INC
VQA3-S CUI-VQA3-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
VQA3S-S CUI-VQA3S-S Datasheet
6Mb / 12P
IGBT DRIVER DC-DC
10/11/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com