Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16664AFP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA16664AFP Datasheet HTML 1Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 2Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 3Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 4Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 5Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HA16654A, HA16664A Series
PWM Controlled Switching Regulator
The HA16654A and HA16664A are PWM control switching regulator ICs which drive a power MOSFET
at high speed and high frequency. The standby current is limited to as small as 1.5 mA (typ). These
devices incorporate totem pole circuits suited for high-speed push-pull operation at the output stage,
accomplishing high-speed switching with rising time t
r = 80 ns (typ) and falling time tf = 40 ns (typ) at 20
V swing.
Functions
• Reference voltage circuit
• Triangular waveform oscillation circuit
• PWM comparator circuit
• Low-input malfunction protection circuit
• Output drive circuit
• Soft start and quick shut down
Features
• High speed switching: t
r = 80 ns, tf = 40 ns (typ) when use exernal driver circuit
• High frequency operation:
HA16654A (f = 100 kHz to 500 kHz)
HA16664A (f = 100 kHz to 200 kHz)
Low power dissipation : 2 mA max in standby state
• 5 V reference voltage
• Low-input malfunction protection (High threshold voltage: 10 V Typ, Low threshold voltage: 8 V
Typ)
• Adjustable dead band width
• Enlarged output pulse width control range (0 to 80%)
• Soft start and quick shut down functions
• Single output: totem pole


Similar Part No. - HA16664AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16662MP HITACHI-HA16662MP Datasheet
279Kb / 12P
HDD Interface Circuit
HA16666 HITACHI-HA16666 Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
HA16666FP HITACHI-HA16666FP Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
More results

Similar Description - HA16664AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
150KHz, 3A PWM Buck Switching Regulator
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
PWM Off-Line Switching Regulator ICs
STR-W605XS SANKEN-STR-W605XS Datasheet
216Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com