Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16664AFP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 10Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 11Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 12Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 13Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 14Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HA16654A, HA16664A Series
13
V
IN Bias Point
10
8
6
4
2
0
10
820
30
40
Va
(f
100 kHz)
≅
Back up supply voltage
Quick shutdown
area
Soft start area
Low input
malfunction prevention area
Ta = 25
°C
1/RIN
V
(V)
IN
HA16664A
10
8
6
4
2
0
10
820
30
40
Va
(f
500 kHz)
≅
Back up supply voltage
Quick shutdown
area
Soft start area
Low input
malfunction prevention area
Ta = 25
°C
1/RIN
V
(V)
IN
HA16654A
Primary Control Forward Converter System
R.F.I
Filter
AC
+
220 pF
C T
(330 pF)
+
0.47 F
µ
39 k
Ω
RT
27 k
(150 k )
Ω
Ω
13 k
(11 k )
Ω
Ω
R2
R1
VB
RIN
D667
B647
Power MOS FET
HA17431
VOUT
Soft Start Capacitor
51 k
Ω
HA16654A
(HA16664A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com