Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2272 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPS2272
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2272 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPS2272 Datasheet HTML 31Page - STMicroelectronics STMPS2272 Datasheet HTML 32Page - STMicroelectronics STMPS2272 Datasheet HTML 33Page - STMicroelectronics STMPS2272 Datasheet HTML 34Page - STMicroelectronics STMPS2272 Datasheet HTML 35Page - STMicroelectronics STMPS2272 Datasheet HTML 36Page - STMicroelectronics STMPS2272 Datasheet HTML 37Page - STMicroelectronics STMPS2272 Datasheet HTML 38Page - STMicroelectronics STMPS2272 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Application information
Doc ID 15050 Rev 3
35/42
7
Application information
7.1
Input and output capacitors
Input and output capacitors improve the performance of the device; the actual capacitance
should be optimized for the particular application. For all applications, a 0.1 µF or greater
ceramic bypass capacitor between IN and GND as close to the device as possible is
recommended for local noise decoupling. This precaution also reduces ringing on the input
due to power supply transients.
An additional capacitor may be needed on the input to reduce input voltage overshoots from
exceeding the absolute maximum voltage of the device during heavy transient conditions.
This is especially important during bench testing when long, inductive cables are used to
connect the evaluation board to the bench power supply. The value of 100 µF may be
adequate in most situations.
An output capacitor is not required for device functionality, but placing a high-value (in the
order of 10 - 100 µF) electrolytic capacitor on the output pins is recommended when large
transient currents are expected on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com