Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2272 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPS2272
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2272 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPS2272 Datasheet HTML 33Page - STMicroelectronics STMPS2272 Datasheet HTML 34Page - STMicroelectronics STMPS2272 Datasheet HTML 35Page - STMicroelectronics STMPS2272 Datasheet HTML 36Page - STMicroelectronics STMPS2272 Datasheet HTML 37Page - STMicroelectronics STMPS2272 Datasheet HTML 38Page - STMicroelectronics STMPS2272 Datasheet HTML 39Page - STMicroelectronics STMPS2272 Datasheet HTML 40Page - STMicroelectronics STMPS2272 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Package mechanical data
Doc ID 15050 Rev 3
37/42
Table 12.
SO-8 mechanical data
Symbol
Millimeters
Min
Typ
Max
A
1.35
−
1.75
A1
0.10
−
0.25
A2
1.10
−
1.65
B
0.33
−
0.51
C
0.19
−
0.25
D
(1)
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, potrusions or gate burrs
shall not exceed 0.15 mm (0.006 inch) in total (both sides).
4.80
−
5.00
E
3.80
−
4.00
e
−
1.27
−
H
5.80
−
6.20
h
0.25
−
0.50
L
0.40
−
1.27
k
0° (min.), 8° (max.)
ddd
−−
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com