Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPPS05 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP16DPPS05 Datasheet HTML 13Page - STMicroelectronics STP16DPPS05 Datasheet HTML 14Page - STMicroelectronics STP16DPPS05 Datasheet HTML 15Page - STMicroelectronics STP16DPPS05 Datasheet HTML 16Page - STMicroelectronics STP16DPPS05 Datasheet HTML 17Page - STMicroelectronics STP16DPPS05 Datasheet HTML 18Page - STMicroelectronics STP16DPPS05 Datasheet HTML 19Page - STMicroelectronics STP16DPPS05 Datasheet HTML 20Page - STMicroelectronics STP16DPPS05 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID15817 Rev 3
17/35
STP16DPPS05
Typical characteristics
35
Figure 15. Power dissipation vs. package temperature
Note:
The exposed pad should be soldered to the PCB to obtain the thermal benefits.
Figure 16. Turn ON output current
characteristics (1)
Figure 17. Turn OFF output current
characteristics (2)
Electrical conditions:
Vdd = 3.3 V, Vin = Vdd, Vled = 3.0 V, RL = 60
Ω, CL = 10 pF
Ch1 (Yellow) = OE/DM2, Ch2 (Blue) = SDI, Ch3 (Purple) = VOUT, Ch4 (Green) = OUT
1.
The reference level for the TON characteristics is 50% of OE/DM2 signal and 90% of output current
2.
The reference level for the TOFF characteristics is 50% of OE/DM2 signal and 10% of output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com