Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPPS05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05 Datasheet(HTML) 3 Page - STMicroelectronics

  STP16DPPS05 Datasheet HTML 1Page - STMicroelectronics STP16DPPS05 Datasheet HTML 2Page - STMicroelectronics STP16DPPS05 Datasheet HTML 3Page - STMicroelectronics STP16DPPS05 Datasheet HTML 4Page - STMicroelectronics STP16DPPS05 Datasheet HTML 5Page - STMicroelectronics STP16DPPS05 Datasheet HTML 6Page - STMicroelectronics STP16DPPS05 Datasheet HTML 7Page - STMicroelectronics STP16DPPS05 Datasheet HTML 8Page - STMicroelectronics STP16DPPS05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
DocID15817 Rev 3
3/35
STP16DPPS05
Summary description
35
1
Summary description
1.1
Pin connection and description
Figure 1. Pin connection
Note:
The exposed pad should be electrically connected to a metal land electrically isolated or
connected to ground.
Table 2. Typical current accuracy
Output voltage
Current accuracy
Output current
VDD
Temperature
Between bits
Between ICs
≥ 1.3 V
± 1%
± 2%
5 to 40 mA
3.3 V to 5 V
25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com