Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPPS05MTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP16DPPS05MTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05MTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP16DPPS05MTR Datasheet HTML 17Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 18Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 19Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 20Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 21Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 22Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 23Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 24Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID15817 Rev 3
21/35
STP16DPPS05
Error detection mode functionality
35
7.3
Phase three: resuming normal mode
The sequence for reentering normal mode is shown in the following table:
Note:
For proper device operation, the “entering error detection” sequence must be followed by a
“resume mode” sequence, it is not possible to insert consecutive equal sequences.
7.4
Error detection conditions
Note:
Where: IO = the output current programmed by the R-EXT, IODEC = the detected output
current in detection mode
Figure 22. Detection circuit
Figure 21. Resuming normal mode - timing diagram
CLK
1°2°3°4°5°
OE/DM2
H
L
HHH
LE/DM1
LLLLL
Table 14. Detection conditions (VDD = 3.3 to 5 V, temperature range -40 to 125 °C)
Configuration
Detect mode
Detection results
SW-1 or
SW-3b
Open line or output
short to GND detected
==> IODEC ≤ 0.5 x IO
No error
detected
==> IODEC ≥ 0.5 x IO
SW-2 or
SW-3a
Short on LED or short
to V-LED detected
==> VO ≥ 2.6 V
No error
detected
==> VO ≤ 2.3 V
16
STP16DPPS05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com