Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPPS05MTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STP16DPPS05MTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05MTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STP16DPPS05MTR Datasheet HTML 25Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 26Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 27Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 28Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 29Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 30Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 31Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 32Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID15817 Rev 3
29/35
STP16DPPS05
Package mechanical data
35
Figure 28. SO-24 package dimensions
Table 17. SO-24 mechanical data
Dim.
mm.
Min
Typ
Max
A
2.65
a1
0.1
0.2
a2
2.45
b
0.35
0.49
b1
0.23
0.32
C
0.5
c1
45°(typ.)
D
15.20
15.60
E
10.00
10.65
e
1.27
e3
13.97
F
7.40
7.60
L
0.50
1.27
S
°(max.) 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com