Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17451AFP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HA17451AFP
Description  Switching Regulator Controllers for DC/DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17451AFP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HA17451AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 9Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 10Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 11Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 12Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 13Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 14Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HA17451AP/HA17451AFP
13
Precautions
Precaution concerning inverting (negative voltage) output
Conditions
Circuit diagram
R + R >
|V
| V
18
µA
OUT
To prevent leakage current in the IC from interfering
with stable and efficient operation, choose R and R
values that satisfy the following condition:
where, R , R :
|V
|:
18
µA:
Feedback voltage resistors
Absolute value of negative output voltage
Minimum current with negative voltage
at reference voltage pin; I
(min)
OUT
V
IN
V
CC
OUT
–VOUT
–
+
R
R
Vref
Iref
Iref
INV. INPUT
HA17451A
Negative
DC output
I
(min)
OR
–0.2 V
0 V
Vref
OR
18
µA
2
1
12
1
2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com